Part Number Hot Search : 
SW50N06 NMR102C 15100450 RF205 WJ127 MT9122AP 12025 BC328
Product Description
Full Text Search
 

To Download 90120-0925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0901200925 status: active overview: cgrid_iii description: 2.54mm (.100") pitch c-grid iii? header, single row, vertical, 5 circuits, 0.76m (30") gold (au) selective plating documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 90120 application wire-to-board overview cgrid_iii product name c-grid iii? physical breakaway yes circuits (loaded) 5 circuits (maximum) 5 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention none packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.76 polarized to mating part no polarized to pcb no shrouded no stackable no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 350v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90120 series mates with 90147 c-grid? pc board connector. 90123 c-grid iii? modular crimp housing
max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers sales drawing sda-90120 this document was generated on 05/26/2010 please check www.molex.com for latest part information








▲Up To Search▲   

 
Price & Availability of 90120-0925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X